Part Number Hot Search : 
CINT1150 128BIFN1 100DC SY10E BY296 PKN430CB KBU8005 LB8649FN
Product Description
Full Text Search
 

To Download BA15DD0T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  datashee t product structure : silicon monolithic integrated circuit this product is not designed prot ection against radioactive rays. 1/20 tsz02201-0r6r0a600130-1-2 ? 2013 rohm co., ltd. all rights reserved. tsz22111 14 001 9.aug.2013 rev.003 www.rohm.com 2a/1a fixed output ldo regulators baxxdd0t series baxxcc0t series baxxcc0fp series 2a/1a fixed output ldo regulators with shutdown swicth baxxdd0wt series baxxdd0hfp series baxxcc0wt series baxxcc0wfp series general description standard fixed output ldo regulators are low-saturation regul ators, available for output s up to 2a / 1a. rohm has a wide output voltage range and package lineup with and without sh utdown switches. this ic has a built-in over-current protection circuit that prevents the destruc tion of the ic due to output short circuits , a thermal shut-down circuit that prote cts the ic from damage due to overloading and an over-voltage protection circuit that pr otects the ic from surges generated in the power supply line of the ic. features ? 1% highly accurate output voltage (baxxdd0xx) ? low saturation with pnp output ? built-in over-current prot ection circuit that prevents the destruction of the ic due to output short circuits ? built-in thermal shutdown circuit for protecting the ic from damage due to overloading ? built-in over- voltage protection circuit that prevents the destruction of the ic due to power supply surges key specification ? input power supply voltage: 25v (max.) ? output voltage type: fixed ? output current: baxxdd0xx series 2a (max.) baxxcc0xx series 1a (max.) ? shutdown current: 0 a(typ.) ? operating temperature range: -40 to +125 applications used in dsp power supplies for dvd and cd players, fpds, televisions, personal computers or any other consumer device packages w (typ.) x d (typ.) x h (max.) hrp5 9.395mm x 10.54mm x 2.005mm to252-3 6.50 mm x 9.50mm x 2.50 mm to252-5 6.50 mm x 9.50mm x 2.50 mm to220fp-3 10.00 mm x 30.50mm x 4.60 mm to220fp-5 10.00 mm x 30.50mm x 4.60 mm lineup matrix 1a output baxxcc0xx series part number output voltage (v) package 3.0 3.3 5.0 6.0 7.0 8.0 9.0 10.0 12.0 15.0 baxxcc0wt to220fp-5 baxxcc0wfp to252-5 baxxcc0t to220fp-3 baxxcc0fp to252-3 2a output baxxdd0xx series part number output voltage (v) package 1.5 1.8 2.5 3.0 3.3 5.0 9.0 12.0 16.0 baxxdd0wt to220fp-5 baxxdd0whfp hrp5 baxxdd0t to220fp-3 to252-5 to220fp-5 to220fp-3 hrp5 to252-3 downloaded from: http:///
datasheet 2/20 baxxdd0xx baxxcc0xx tsz02201-0r6r0a600130-1-2 ? 2013 rohm co., ltd. all rights reserved. tsz22111 15 001 9.aug.2013 rev.003 www.rohm.com ordering information b a x x x x 0 x x x x - x x part number output voltage output current cc0 : 1a dd0 : 2a shutdown switch w : includes switch none: without switch packa g e packaging and forming specification tr: embossed tape and reel (hrp5) e2: embossed tape and reel (to252-3,to252-5) none : container tube (to220fp-3,to220fp-5) hfpfp t : hrp5 : to252-5 : to252-3 : to220fp-5 : to220fp-3 lineup 1a output baxxcc0xx series maximum output current (max.) shutdown switch package output voltage(typ.) orderable part number 1a with switch to252-5 reel of 2000 3.3v ba033cc0wfp-e2 5.0v ba05cc0wfp-e2 6.0v ba06cc0wfp-e2 7.0v ba07cc0wfp-e2 8.0v ba08cc0wfp-e2 9.0v ba09cc0wfp-e2 12.0v baj2cc0wfp-e2 to220fp-5 tube of 500 3.0v ba03cc0wt 3.3v ba033cc0wt 5.0v ba05cc0wt 7.0v ba07cc0wt 8.0v ba08cc0wt 9.0v ba09cc0wt 10.0v baj0cc0wt 12.0v baj2cc0wt no switch to252-3 reel of 2000 3.0v ba03cc0fp-e2 3.3v ba033cc0fp-e2 5.0v ba05cc0fp-e2 6.0v ba06cc0fp-e2 7.0v ba07cc0fp-e2 8.0v ba08cc0fp-e2 9.0v ba09cc0fp-e2 10.0v baj0cc0fp-e2 12.0v baj2cc0fp-e2 15.0v baj5cc0fp-e2 to220fp-3 tube of 500 3.0v ba03cc0t 3.3v ba033cc0t 5.0v ba05cc0t 6.0v ba06cc0t 7.0v ba07cc0t 8.0v ba08cc0t 9.0v ba09cc0t 10.0v baj0cc0t 12.0v baj2cc0t 15.0v baj5cc0t downloaded from: http:///
datasheet 3/20 baxxdd0xx baxxcc0xx tsz02201-0r6r0a600130-1-2 ? 2013 rohm co., ltd. all rights reserved. tsz22111 15 001 9.aug.2013 rev.003 www.rohm.com 2a output baxxdd0xx series maximum output current (max.) shutdown switch package output voltage(typ.) orderable part number 2a with switch to220fp-5 tube of 500 1.5v ba15dd0wt 1.8v ba18dd0wt 2.5v ba25dd0wt 3.0v ba30dd0wt 3.3v ba33dd0wt 5.0v ba50dd0wt 9.0v ba90dd0wt 12.0v baj2dd0wt 16.0v baj6dd0wt hrp5 reel of 2000 1.5v ba15dd0whfp-tr 1.8v ba18dd0whfp-tr 2.5v ba25dd0whfp-tr 3.0v ba30dd0whfp-tr 3.3v ba33dd0whfp-tr 5.0v ba50dd0whfp-tr 9.0v ba90dd0whfp-tr 12.0v baj2dd0whfp-tr 16.0v baj6dd0whfp-tr no switch to220fp-3 tube of 500 1.5v BA15DD0T 1.8v ba18dd0t 2.5v ba25dd0t 3.0v ba30dd0t 3.3v ba33dd0t 5.0v ba50dd0t 9.0v ba90dd0t 12.0v baj2dd0t 16.0v baj6dd0t downloaded from: http:///
datasheet 4/20 baxxdd0xx baxxcc0xx tsz02201-0r6r0a600130-1-2 ? 2013 rohm co., ltd. all rights reserved. tsz22111 15 001 9.aug.2013 rev.003 www.rohm.com block diagrams / pin configur ations / pin descriptions baxxcc0wfp/ baxxdd0whfp/ baxxcc0wt/ baxxdd0wt pin no. pin name function 1 ctl output voltage on/off control 2 vcc power supply voltage input 3 n.c./gnd unconnected terminal/gnd* 1 4 out voltage output 5 n.c. unconnected terminal fin gnd gnd* 2 * 1 to252-5=n.c.,to220fp-5,hrp5=gnd * 2 to252-5,hrp5 only baxxcc0t/ baxxcc0fp/ baxxdd0t pin no. pin name function 1 vcc power supply voltage input 2 n.c./gnd unconnected terminal/gnd* 1 3 out voltage output fi gnd gnd* 2 * 1 to252-3=n.c.,to220fp - 3=gnd * 2 to252-3 only fig.1 1 2 3 4 5 fin vcc driver ovp tsd ocp r2 r1 ctl vcc n.c. (to252-5) gnd (to220fp-5,hrp5) out n.c. vref gnd (to252-5 hrp5) fig.2 (to220fp-3) 1 2 3 fin vcc driver ovp tsd ocp r2 r1 vcc n .c. out (to252-3) gnd vref gnd (to252-3) hrp5 top view fin to252-5 1 2 3 4 5 1 2 3 4 5 to220fp-5 1 2 3 4 5 to220fp-3 to252-3 1 fin 2 3 1 top view 2 3 downloaded from: http:///
datasheet 5/20 baxxdd0xx baxxcc0xx tsz02201-0r6r0a600130-1-2 ? 2013 rohm co., ltd. all rights reserved. tsz22111 15 001 9.aug.2013 rev.003 www.rohm.com absolute maximum ratings (ta=25 ) parameter symbol ratings unit input power supply voltage *1 v cc -0.3 to +35 v power dissipation *2 pd 2300(hrp5) mw 1300(to252-5) 1200(to252-3) 2000(to220fp-3,5) operating temperature ra nge topr -40 to +125 ambient storage temperature tstg -55 to +150 junction temperature tj max. +150 output control terminal voltage *3 vctl -0.3 to +vcc v voltage applied to the tip *4 vcc peak +50 v *1 must not exceed pd *2 hrp5 : in cases in which ta 25 when a 70mm 70mm 1.6mm glass epoxy board is used, the power is reduced by 18.4 mw/ . to252fp-3 : in cases in which ta 25 when a 70mm 70mm 1.6mm glass epoxy board is used, the power is reduced by 9.6 mw/ . to252fp-5 : in cases in which ta 25 when a 70mm 70mm 1.6mm glass epoxy board is used, the power is reduced by 10.4 mw/ . to220fp-5 : no heat sink. when ta 25 , the power is reduced by 16 mw/ . *3 only for models with shutdown switches. *4 applied voltage : 200msec or less (tr 1msec) recommended operating ratings (ta=25 ) parameter symbol ratings unit min. typ. max. input power supply voltage baxxcc0xx v cc 4.0 D 25.0 v baxxdd0xx 3.0 D 25.0 v output current baxxcc0xx io D D 1 a baxxdd0xx D D 2 a output control terminal voltage vctl 0 D v cc v max200msec (voltage supply more than 35v) 50v 35v 0v tr 1msec downloaded from: http:///
datasheet 6/20 baxxdd0xx baxxcc0xx tsz02201-0r6r0a600130-1-2 ? 2013 rohm co., ltd. all rights reserved. tsz22111 15 001 9.aug.2013 rev.003 www.rohm.com electrical characteristics baxxcc0 series (unless otherwise specified, ta=25 , v ctl =5v, io=500ma setting *5) parameter symbol limit unit conditions min. typ. max. output voltage *6 vo vo(t) 0.98 vo(t) vo(t) 1.02 v shut down current isd 0 10 a v ctl =0v bias current ib 2.5 5.0 ma v ctl =2v, io=0ma dropout voltage vd 0.3 0.5 v vcc=vo 0.95 peak output current io 1.0 a ripple rejection r.r. 45 55 db f=120hz, ein *7 =1vrms, io=100ma line regulation reg.i 20 100 mv vcc=vo(t)+1 25v load regulation reg.l 50 150 mv io=5ma 1a temperature coefficient of output voltage *8 tcvo 0.02 / io=5ma,tj=0 to 125 output short current ios 0.40 a vcc=25v on mode voltage vthh 2.0 v active mode, io=0ma off mode voltage vthl 0.8 v off mode, io=0ma input high current i ctl 100 200 300 a v ctl =5v, io=0ma baxxdd0 series (unless otherwise specified, ta=25 , v ctl =3v, vcc=v cct *9 ) parameter symbol limit unit conditions min. typ. max. shut down current isd 0 10 a v ctl =0v, io=0ma bias current ib 0.9 2.0 ma io=0ma output voltage *10 vo votyp 0.99 votyp votyp 1.01 v io=200ma dropout voltage 1 *11 vd1 0.3 0.5 v vcc=0.95 vo, io=1a dropout voltage 2 *11 vd2 0.45 0.7 v vcc=0.95 vo, io=2a peak output current io 2.0 a ripple rejection r.r. 55 db f=120hz , ein *7 =-20dbv, io=100ma line regulation reg.i 15 50 mv vcc=v cct *9 v 25v, io=200ma load regulation reg.l 50 200 mv io=0ma 2a temperature coefficient of output voltage *8 tcvo 0.02 %/ io=5ma, tj=0 to 125 ctl on mode voltage von 2.0 vcc v active mode, io=0ma ctl off mode voltage voff 0.8 v off mode, io=0ma ctl input current i ctl 60 120 a v ctl =3v, io=0ma *5 vo=3.0v:vcc=8.0v, 3.3v:vcc=8.3v, vo=5v:vcc=10v, vo=6v:vcc=11v , vo=7v:vcc=12v, vo=8v:vcc=13v, vo=9v:vcc=14v, vo=12v:vcc=17v, vo=15v:vcc=20v *6 vo(t) 3.0, 3.3, 5.0, 6.0, 7.0, 8.0, 9.0,12, 15v *7 ein : input voltage ripple *8 not 100% tested *9 vo=1.5v,1.8v,2.5v,3.0v v cct =4.0v vo=3.3v,5.0v v cct =7.0v vo=9v v cct =12.0v vo=12v v cct =14.0v vo=16v v cct =18.0v *10 votyp=1.5v,1.8v,2.5v,3.0v,3.3v,5.0v,9.0v,12.0v,16.0v * 11 vo 3.0v downloaded from: http:///
datasheet 7/20 baxxdd0xx baxxcc0xx tsz02201-0r6r0a600130-1-2 ? 2013 rohm co., ltd. all rights reserved. tsz22111 15 001 9.aug.2013 rev.003 www.rohm.com typical performance curves (unless specified otherwise, vcc=8.3v, vo=3.3v, v ctl =5.0v, and io=0ma) baxxcc0xx (ba33cc0wt) fig.5 input stability (io=500ma) fig.6 load stability fig.3 circuit current fig.4 input stability downloaded from: http:///
datasheet 8/20 baxxdd0xx baxxcc0xx tsz02201-0r6r0a600130-1-2 ? 2013 rohm co., ltd. all rights reserved. tsz22111 15 001 9.aug.2013 rev.003 www.rohm.com typical performance curves - continued fig.8 ripple rejection characteristics (io=100ma) fig.9 output voltage temperature characteristics fig.10 circuit current by load level (i out =0ma 1a) fig.7 input/output voltage difference io- vd characteristics (vcc 2.95v) downloaded from: http:///
datasheet 9/20 baxxdd0xx baxxcc0xx tsz02201-0r6r0a600130-1-2 ? 2013 rohm co., ltd. all rights reserved. tsz22111 15 001 9.aug.2013 rev.003 www.rohm.com typical performance curves - continued fig.12 ctl voltage vs. output voltage fig.13 overvoltage operating characteristics (io=200ma) fig.14 thermal shutdown circuit characteristics fig.11 ctl voltage vs. ctl current downloaded from: http:///
datasheet 10/20 baxxdd0xx baxxcc0xx tsz02201-0r6r0a600130-1-2 ? 2013 rohm co., ltd. all rights reserved. tsz22111 15 001 9.aug.2013 rev.003 www.rohm.com typical performance curves - continued (unless specified otherwise, vcc=7.0v, vo=5.0v, v ctl =3.0v, and io=0ma) baxxdd0xx (ba50dd0wt) fig.16 input stability (io=0ma) fig.17 input stability (io=2a) fig.15 circuit current fig.18 load stability downloaded from: http:///
datasheet 11/20 baxxdd0xx baxxcc0xx tsz02201-0r6r0a600130-1-2 ? 2013 rohm co., ltd. all rights reserved. tsz22111 15 001 9.aug.2013 rev.003 www.rohm.com typical performance curves - continued fig.20 ripple rejection characteristics fig.21 temperature characteristics fig.19 input/output voltage difference fig.22 circuit current by load level (lout=0ma 2a) downloaded from: http:///
datasheet 12/20 baxxdd0xx baxxcc0xx tsz02201-0r6r0a600130-1-2 ? 2013 rohm co., ltd. all rights reserved. tsz22111 15 001 9.aug.2013 rev.003 www.rohm.com typical performance curves - continued fig.24 ctl voltage vs. output voltage fig.25 overvoltage operating (lo=200ma) fig.26 thermal shutdown circuit characteristics fig.23 ctl voltage vs. ctl current [v] ba50dd0wt downloaded from: http:///
datasheet 13/20 baxxdd0xx baxxcc0xx tsz02201-0r6r0a600130-1-2 ? 2013 rohm co., ltd. all rights reserved. tsz22111 15 001 9.aug.2013 rev.003 www.rohm.com i/o equivalence circuit fig.27 fig.28 power dissipation vcc ctl 39k 2k 31k 10k vcc out r2 r1 vcc ctl 25k 25k 10k out r2 r1 vcc fig.29 fig.30 fig.31 0.0 0.4 0.8 1.2 1.6 2.0 0 25 50 75 100 125 150 ambient temperatur e:ta( power dissipation:pd( w ) mounted on a rohm standard board board size : 70 70 1.6 L copper foil area :7 7 L to252-5 ja=96.2( /w) 1.30 5 5 5 5 5 75 5 5 ai :t pw diii:pw (1)20.0 (2)2.0 when using a maximum heat sick : j-c=6.25( /w) when using an ic alone : j-6=62.5( /w) 0 1 2 3 4 5 6 7 8 9 10 0 25 50 75 100 125 150 ambient temperatur e:ta( power dissipation:pd( w ) board size : 70 70 1.6 L 3 (board contains a thermal via) board front copper foil area : 10.5 10.5 L 2 2-layer board (back surface copper foil area :15 15 L 2 ) 2-layer board (back surface copper foil area :70 70 L 2 ) 4-layer board (back surface copper foil area :70 70 L 2 ) 7.3w 5.5w 2.3w hrp-5 to220fp-5 to252-5 downloaded from: http:///
datasheet 14/20 baxxdd0xx baxxcc0xx tsz02201-0r6r0a600130-1-2 ? 2013 rohm co., ltd. all rights reserved. tsz22111 15 001 9.aug.2013 rev.003 www.rohm.com when using at temperatures over ta=25 , please refer to the heat reducing characteristics shown in fig.29 through 31. the ic characteristics are closely related to the temperatur e at which the ic is used and if the temperature exceeds the maximum junction temperature tj max ., the elements may be damaged or destroyed . from the standpoints of instantaneous destruction and long-term operating reliability, it is necessary gi ve sufficient consideration to ic heat. in order to protect the ic from thermal damage, it is necessary to operate it at temperatures lower than the maximum junction temperature tj max of the ic. fig.30 shows the acceptable loss and heat reducing charac teristics of the to220fp package the portion shown by the diagonal line is the acceptable loss range that can be used wi th the ic alone. even when the ambient temperature ta is a normal temperature (25 ), the chip (junction) temperature tj may be quite high so please operate the ic at temperatures less than the acceptable loss pd. the method of calculating the power consumption pc (w) is as follows. pc = (vcc-vo) io vcc icca acceptable loss pd Q pc solving this for load current i o in order to operate within the acceptable loss: io Q (please refer to fig.10 and 22 for icca.) it is then possible to find the maximum load current io max with respect to the applied voltage vcc at the time of thermal design. ? calculation example example 1) when ta=85 , vcc=8.3v, vo=3.3v, ba33dd0wt io with the ic alone : ja=62.5 /w -16mw/ io 200ma (icca : 2ma) 25 =2000mw 85 =1040mw please refer to the above information and keep thermal designs within the scope of acceptable loss for all operating temperature ranges. the power consumption pc of the ic when there is a short circuit (short between vo and gnd) is: pc=vcc (icca ishort) *ishort: short circuit current peripheral circuit considerations ? vcc terminal please attach a capacitor (greater than 0.33f) between the vcc and gnd. the capacitance values will differ depending on the application, so please take this into account when configuring the terminal . ? gnd terminal please be sure to keep the set ground and ic ground at the same potential level so that a potential difference does not arise between them. if a potential difference arises between the set ground and th e ic ground, the preset vo ltage will not be outputted, causing the system to become unstable. therefore, please reduce the impedance by making the ground patterns as wide as possible and by reducing the distance between the set ground and the ic ground as much as possible. ? ctl terminal the ctl terminal is turned on at 2.0v and higher and off at 0.8v and lower within the operating power supply voltage range. cc0xx series, the power supply and the ctl terminal in any order without problems. vo terminal fig.32 output equivalent circuit fig.33 esr-io characteristics fig.34 esr vs. io characteristics (baxxcc0) (baxxdd0) please attach an anti-oscillation capacitor between v o and gnd. the capacitance of the capacitor may significantly change due to factors such as temperature changes, making it impossi ble to completely stop oscillations. please use a tantalum capacitor or aluminum electrolysis capacitor with favorable c haracteristics and small internal series resistance (esr) even at low temperatures. the output fluctuates regardless of whether the esr is large or small. please use the ic within the stable operating region while referring to the esr characterist ics reference data shown in fig.32 through 34. in applications where there are sudden load fluctuatio ns, the use of a capacitor with large capacitance is recommended. pd C vcc icca vcc vo vcc vo io vcca input voltage output voltage load current circuit current 1.04 8.3 icca 5 out 22 f ic output current lo(ma) 10000 1 0.1 1 10 1 unstable operating region unstable operating region stable operating region effective series resistance:esr [ ] 10 100 1000 100 200 400 800 1000 0.1 1 10 stable operating region 0 600 unstable operating region unstable operating region output current lo(ma) effective series resistance:esr [ ] 100 downloaded from: http:///
datasheet 15/20 baxxdd0xx baxxcc0xx tsz02201-0r6r0a600130-1-2 ? 2013 rohm co., ltd. all rights reserved. tsz22111 15 001 9.aug.2013 rev.003 www.rohm.com operational notes 1) protection circuits over-current protection circuit a built-in over-current protection circuit corresponding to the current capacity prev ents the destruction of the ic when there are load shorts. this protection circuit is a 7-shaped current control circuit that is designed such that the current is rest ricted and does not latch even when a large current momentarily flows through the system with a high-capacitance capa citor. however, while this protection circuit is effective for the preven tion of destruction due to unex pected accidents, it is not suitable for continuous operation or transient use. please be aware when creating thermal designs that the overcurrent protection circuit has negative current capacity characteristics with regard to temper ature (refer to fig.6 and 18). thermal shutdown circuit (thermal protection) this system has a built-in temperature protection circuit fo r the purpose of protecting t he ic from thermal damage. as shown above, this must be used within the range of a cceptable loss, but if the acceptable loss happens to be continuously exceeded, the chip temperature tj increases , causing the temperature protection circuit to operate. when the thermal shutdown circuit operat es, the operation of the circuit is su spended. the circuit resumes operation immediately after the chip temperatur e tj decreases, so the output repeats t he on and off states (please refer to fig.14 and 26 for the temperatures at which the temperature protec tion circuit operates). there are cases in which the ic is destroyed due to thermal runa way when it is left in the ov erloaded state. be sure to avoid leaving the ic in the overloaded state. reverse current in order to prevent the destruction of t he ic when a reverse current flows through the ic, it is recommended that a diode be placed between the vcc and vo and a pathway be created so that the current can escape (refer to fig.35). fig.35 bypass diode 2) this ic is bipolar ic that has a p-board (substrate) and p+ isolation layer bet ween each devise, as shown in fig.36. a p-n junction is formed between this p-layer and the n-layer of each device, and the p-n junction operates as a parasitic diode when the electric potential relationship is gnd> pin a, gnd> pin b, while it operates as a parasitic transistor when the electric potential relationship is pin b gnd> pin a. para sitic devices are structurally inevitable in the ic. the operation of parasitic devices induces mu tual interference between circuits, causing malfunctions and eventually the destruction of the ic. it is necessary to be careful not to use the ic in ways that would cause parasitic elements to operate. for example, applying a voltage that is lower than the gnd (p-board) to the input terminal. status of this document the japanese version of this document is fo rmal specification. a customer may use this translation version only for a reference to help reading the formal version. if there are any differences in translation version of this doc ument formal version takes priority. out vcc ctl gnd reverse current fig.36 example of the basic structure of a bipolar ic (pin a) gnd n p+ resistor parasitic element p n p p+ n (pin a) parasitic element or transistor (pin b) gnd c b e parasitic element gnd gnd n p n p+ p+ parasitic element or transistor (pin b) b e transistor (npn) n p n gnd c downloaded from: http:///
datasheet 16/20 baxxdd0xx baxxcc0xx tsz02201-0r6r0a600130-1-2 ? 2013 rohm co., ltd. all rights reserved. tsz22111 15 001 9.aug.2013 rev.003 www.rohm.com physical dimension tape and reel information (unit : mm) to252-3 2 1 3 0.8 0.65 0.65 1.5 2.5 0.75 fin 6.5 0.2 2.3 0.2 2.3 0.2 0.5 0.1 1.0 0.2 2.3 0.2 9.5 0.5 0.5 0.1 5.5 0.2 1.5 0.2 5.1 +0.2 - 0.1 c0.5 direction of feed 1pin reel ? order quantity needs to be multiple of the minimum quantity. embossed carrier tape tapequantity direction of feed the direction is the 1pin of product is at the lower left when you hold reel on the left hand and you pull out the tape on the right hand 2000pcs e2 ( ) (unit : mm) to252-5 1 2 3 5 4 0.8 0.5 1.27 1.5 2.5 fin 6.5 0.2 2.3 0.2 0.5 0.1 1.0 0.2 9.5 0.5 0.5 0.1 5.5 0.2 1.5 0.2 c0.5 5.1 +0.2 - 0.1 direction of feed 1pin reel ? order quantity needs to be multiple of the minimum quantity. embossed carrier tape tapequantity direction of feed the direction is the 1pin of product is at the lower left when you hold reel on the left hand and you pull out the tape on the right hand 2000pcs e2 ( ) direction of feed 1pin reel ? order quantity needs to be multiple of the minimum quantity. embossed carrier tape tapequantity direction of feed 2000pcs tr ( ) the direction is the 1pin of product is at the upper right when you hold reel on the left hand and you pull out the tape on the right hand (unit : mm) hrp5 s 0.08 s (max 9.745 include burr) 5432 1 1.905 0.1 0.8 35 0.2 1.523 0.15 10.54 0.13 0.05 + 0.1 0.27 4.5 (6.5) 8.82 0.1 9.395 0.125 0.73 0.1 1.72 0.08 0.05 (7.49) 8.0 0.13 1.017 0.2 1.2575 4.5 + 5.5 (unit : mm) to220fp-3 23 1 + 0.4 3.2 0.1 0.55 17.0 12.0 0.2 8.0 0.2 2.54 0.5 13.5min. 5.0 0.2 0.8 2.54 0.5 1.3 0.1 + 0.3 10.0 7.0 1.8 0.2 0.2 0.1 + 0.3 2.6 0.5 0.05 + 0.1 + 0.2 0.1 0.1 + 0.3 4.5 2.8 ? order quantity needs to be multiple of the minimum quantity. tube containerquantity direction of feed 500pcs direction of products is fixed in a container tube downloaded from: http:///
datasheet 17/20 baxxdd0xx baxxcc0xx tsz02201-0r6r0a600130-1-2 ? 2013 rohm co., ltd. all rights reserved. tsz22111 15 001 9.aug.2013 rev.003 www.rohm.com marking diagrams (unit : mm) to220fp-5 7.0 10.0 2.8 4.5 1.778 0.5 0.1 1.2 0.8 1.8 0.2 8.0 0.2 0.7 12.0 0.2 17.0 13.5min. 3.2 0.1 0.2 + 0.4 + 0.3 0.1 0.1 + 0.2 + 0.3 0.1 + 0.3 0.1 2345 1 2.85 ? order quantity needs to be multiple of the minimum quantity. tube containerquantity direction of feed 500pcs direction of products is fixed in a container tube hrp5 (top view) part number marking lot number 1pin mark to220fp-3 (top view) part number marking lot number to220fp-5 (top view) part number marking lot number to252-3 (top view) part number marking lot number to252-5 (top view) part number marking lot number downloaded from: http:///
datasheet 18/20 baxxdd0xx baxxcc0xx tsz02201-0r6r0a600130-1-2 ? 2013 rohm co., ltd. all rights reserved. tsz22111 15 001 9.aug.2013 rev.003 www.rohm.com 1a output baxxcc0xx series orderable part number package part number marking ba033cc0wfp-e2 to252-5 033cc0w ba05cc0wfp-e2 05cc0w ba06cc0wfp-e2 06cc0w ba07cc0wfp-e2 07cc0w ba08cc0wfp-e2 08cc0w ba09cc0wfp-e2 09cc0w baj2cc0wfp-e2 j2cc0w ba03cc0wt to220fp-5 03cc0w ba033cc0wt 033cc0w ba05cc0wt 05cc0w ba07cc0wt 07cc0w ba08cc0wt 08cc0w ba09cc0wt 09cc0w baj0cc0wt j0cc0w baj2cc0wt j2cc0w ba03cc0fp-e2 to252-3 03cc0 ba033cc0fp-e2 033cc0 ba05cc0fp-e2 05cc0 ba06cc0fp-e2 06cc0 ba07cc0fp-e2 07cc0 ba08cc0fp-e2 08cc0 ba09cc0fp-e2 09cc0 baj0cc0fp-e2 j0cc0 baj2cc0fp-e2 j2cc0 baj5cc0fp-e2 j5cc0 ba03cc0t to220fp-3 03cc0 ba033cc0t 033cc0 ba05cc0t 05cc0 ba06cc0t 06cc0 ba07cc0t 07cc0 ba08cc0t 08cc0 ba09cc0t 09cc0 baj0cc0t j0cc0 baj2cc0t j2cc0 baj5cc0t j5cc0 downloaded from: http:///
datasheet 19/20 baxxdd0xx baxxcc0xx tsz02201-0r6r0a600130-1-2 ? 2013 rohm co., ltd. all rights reserved. tsz22111 15 001 9.aug.2013 rev.003 www.rohm.com 2a output baxxdd0xx series orderable part number package part number marking ba15dd0wt to220fp-5 15dd0w ba18dd0wt 18dd0w ba25dd0wt 25dd0w ba30dd0wt 30dd0w ba33dd0wt 33dd0w ba50dd0wt 50dd0w ba90dd0wt 90dd0w baj2dd0wt j2dd0w baj6dd0wt j6dd0w ba15dd0whfp-tr hrp5 15dd0w ba18dd0whfp-tr 18dd0w ba25dd0whfp-tr 25dd0w ba30dd0whfp-tr 30dd0w ba33dd0whfp-tr 33dd0w ba50dd0whfp-tr 50dd0w ba90dd0whfp-tr 90dd0w baj2dd0whfp-tr j2dd0w baj6dd0whfp-tr j6dd0w BA15DD0T to220fp-3 15dd0 ba18dd0t 18dd0 ba25dd0t 25dd0 ba30dd0t 30dd0 ba33dd0t 33dd0 ba50dd0t 50dd0 ba90dd0t 90dd0 baj2dd0t j2dd0 baj6dd0t j6dd0 downloaded from: http:///
datasheet 20/20 baxxdd0xx baxxcc0xx tsz02201-0r6r0a600130-1-2 ? 2013 rohm co., ltd. all rights reserved. tsz22111 15 001 9.aug.2013 rev.003 www.rohm.com revision history date revision changes 26.jun.2012 001 new release 25.july.2013 002 page-14 changed ctl terminal description 9.aug.2013 003 page-6 added comment vo=3.0c:vcc=8.0v, vo=15v:vcc=20v in *5 page-6 added comment 3,15v in *6 downloaded from: http:///
datasheet d a t a s h e e t notice - ge rev.002 ? 2014 rohm co., ltd. all rights reserved. notice precaution on using rohm products 1. our products are designed and manufac tured for application in ordinary elec tronic equipments (such as av equipment, oa equipment, telecommunication equipment, home electroni c appliances, amusement equipment, etc.). if you intend to use our products in devices requiring ex tremely high reliability (such as medical equipment (note 1) , transport equipment, traffic equipment, aircraft/spacecra ft, nuclear power controllers, fuel c ontrollers, car equipment including car accessories, safety devices, etc.) and whose malfunction or failure may cause loss of human life, bodily injury or serious damage to property (specific applications), please consult with the rohm sale s representative in advance. unless otherwise agreed in writing by rohm in advance, rohm shall not be in any way responsible or liable for any damages, expenses or losses incurred by you or third parties arising from the use of any ro hms products for specific applications. (note1) medical equipment classification of the specific applications japan usa eu china class class class b class class class 2. rohm designs and manufactures its products subject to strict quality control system. however, semiconductor products can fail or malfunction at a certain rate. please be sure to implement, at your own responsibilities, adequate safety measures including but not limited to fail-safe desi gn against the physical injury, damage to any property, which a failure or malfunction of our products may cause. the following are examples of safety measures: [a] installation of protection circuits or other protective devices to improve system safety [b] installation of redundant circuits to reduce the impact of single or multiple circuit failure 3. our products are designed and manufactured for use under standard conditions and not under any special or extraordinary environments or conditio ns, as exemplified below. accordin gly, rohm shall not be in any way responsible or liable for any damages, expenses or losses arising from the use of an y rohms products under any special or extraordinary environments or conditions. if you intend to use our products under any special or extraordinary environments or conditions (as exemplified below), your independent verification and confirmation of product performance, reliability, etc, prior to use, must be necessary: [a] use of our products in any types of liquid, incl uding water, oils, chemicals, and organic solvents [b] use of our products outdoors or in places where the products are exposed to direct sunlight or dust [c] use of our products in places where the products ar e exposed to sea wind or corrosive gases, including cl 2 , h 2 s, nh 3 , so 2 , and no 2 [d] use of our products in places where the products are exposed to static electricity or electromagnetic waves [e] use of our products in proximity to heat-producing components, plastic cords, or other flammable items [f] sealing or coating our products with resin or other coating materials [g] use of our products without cleaning residue of flux (ev en if you use no-clean type fluxes, cleaning residue of flux is recommended); or washing our products by using water or water-soluble cleaning agents for cleaning residue after soldering [h] use of the products in places subject to dew condensation 4. the products are not subjec t to radiation-proof design. 5. please verify and confirm characteristics of the final or mounted products in using the products. 6. in particular, if a transient load (a large amount of load applied in a short per iod of time, such as pulse. is applied, confirmation of performance characteristics after on-boar d mounting is strongly recomm ended. avoid applying power exceeding normal rated power; exceeding the power rating under steady-state loading c ondition may negatively affect product performance and reliability. 7. de-rate power dissipation (pd) depending on ambient temper ature (ta). when used in seal ed area, confirm the actual ambient temperature. 8. confirm that operation temperat ure is within the specified range described in the product specification. 9. rohm shall not be in any way responsible or liable for fa ilure induced under deviant condi tion from what is defined in this document. precaution for mounting / circuit board design 1. when a highly active halogenous (chlori ne, bromine, etc.) flux is used, the resi due of flux may negatively affect product performance and reliability. 2. in principle, the reflow soldering method must be used; if flow soldering met hod is preferred, please consult with the rohm representative in advance. for details, please refer to rohm mounting specification downloaded from: http:///
datasheet d a t a s h e e t notice - ge rev.002 ? 2014 rohm co., ltd. all rights reserved. precautions regarding application examples and external circuits 1. if change is made to the constant of an external circuit, pl ease allow a sufficient margin considering variations of the characteristics of the products and external components, including transient characteri stics, as well as static characteristics. 2. you agree that application notes, re ference designs, and associated data and in formation contained in this document are presented only as guidance for products use. theref ore, in case you use such information, you are solely responsible for it and you must exercise your own independent verification and judgment in the use of such information contained in this document. rohm shall not be in any way responsible or liable for any damages, expenses or losses incurred by you or third parties arising from the use of such information. precaution for electrostatic this product is electrostatic sensitive product, which may be damaged due to electrostatic discharge. please take proper caution in your manufacturing process and storage so that voltage exceeding t he products maximum rating will not be applied to products. please take special care under dry condit ion (e.g. grounding of human body / equipment / solder iron, isolation from charged objects, se tting of ionizer, friction prevention and temperature / humidity control). precaution for storage / transportation 1. product performance and soldered connections may deteriora te if the products are stor ed in the places where: [a] the products are exposed to sea winds or corros ive gases, including cl2, h2s, nh3, so2, and no2 [b] the temperature or humidity exceeds those recommended by rohm [c] the products are exposed to di rect sunshine or condensation [d] the products are exposed to high electrostatic 2. even under rohm recommended storage c ondition, solderability of products out of recommended storage time period may be degraded. it is strongly recommended to confirm sol derability before using products of which storage time is exceeding the recommended storage time period. 3. store / transport cartons in the co rrect direction, which is indicated on a carton with a symbol. otherwise bent leads may occur due to excessive stress applied when dropping of a carton. 4. use products within the specified time after opening a humidity barrier bag. baking is required before using products of which storage time is exceeding the recommended storage time period. precaution for product label qr code printed on rohm products label is for rohms internal use only. precaution for disposition when disposing products please dispose them proper ly using an authorized industry waste company. precaution for foreign exchange and foreign trade act since our products might fall under cont rolled goods prescribed by the applicable foreign exchange and foreign trade act, please consult with rohm representative in case of export. precaution regarding intellectual property rights 1. all information and data including but not limited to application example contained in this document is for reference only. rohm does not warrant that foregoi ng information or data will not infringe any intellectual property rights or any other rights of any third party regarding such information or data. rohm shall not be in any way responsible or liable for infringement of any intellectual property rights or ot her damages arising from use of such information or data.: 2. no license, expressly or implied, is granted hereby under any intellectual property rights or other rights of rohm or any third parties with respect to the information contained in this document. other precaution 1. this document may not be reprinted or reproduced, in whol e or in part, without prior written consent of rohm. 2. the products may not be disassembled, converted, modified, reproduced or otherwise changed without prior written consent of rohm. 3. in no event shall you use in any wa y whatsoever the products and the related technical information contained in the products or this document for any military purposes, incl uding but not limited to, the development of mass-destruction weapons. 4. the proper names of companies or products described in this document are trademarks or registered trademarks of rohm, its affiliated companies or third parties. downloaded from: http:///
datasheet datasheet notice C we rev.001 ? 2014 rohm co., ltd. all rights reserved. general precaution 1. before you use our pro ducts, you are requested to care fully read this document and fully understand its contents. rohm shall n ot be in an y way responsible or liabl e for fa ilure, malfunction or acci dent arising from the use of a ny rohms products against warning, caution or note contained in this document. 2. all information contained in this docume nt is current as of the issuing date and subj ec t to change without any prior notice. before purchasing or using rohms products, please confirm the la test information with a rohm sale s representative. 3. the information contained in this doc ument is provi ded on an as is basis and rohm does not warrant that all information contained in this document is accurate an d/or error-free. rohm shall not be in an y way responsible or liable for an y damages, expenses or losses incurred b y you or third parties resulting from inaccur acy or errors of or concerning such information. downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of BA15DD0T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X